PART |
Description |
Maker |
ISL28133ISENS-EV1Z ISL28133FEZ-T7 ISL28133FHZ-T7 I |
Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
|
Intersil Corporation
|
LT1078 LT1078AC LT1078ACH LT1078ACN8 LT1078AM LT10 |
Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps Micropower Dual and Quad Single Supply Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL28433 ISL28433FVZ ISL28133FHZ-T7 ISL28133 ISL28 |
Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
|
Intersil Corporation
|
ISL28113FHZ-T7 ISL28113FEZ-T7 ISL28113FEZ-T7A ISL2 |
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
|
http:// Intersil Corporation
|
EHA2-2602/883B EHA7-2602-2 EHA7-2602/883B EHA7-262 |
39µA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps; Temperature Range: Full-Range; Package: 6-SOT-23 T&R Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp; Temperature Range: Full-Range Ind; Package: 10-uTQFN T&R Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
TE Connectivity, Ltd.
|
LTC2055HVIDD LTC2055HMS8 |
Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 5 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C DUAL OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
OP191GSZ-REEL OP191GSZ-REEL7 OP491GRUZ-REEL OP191G |
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps; Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, 3 MHz BAND WIDTH, PDSO8 Micropower Single-Supply Rail-to-Rail Input/Output Op Amps QUAD OP-AMP, 1250 uV OFFSET-MAX, 3 MHz BAND WIDTH, PDSO14 Micropower Single-Supply Rail-to-Rail Input/Output Op Amps DUAL OP-AMP, 1250 uV OFFSET-MAX, 3 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
|